PART |
Description |
Maker |
HDSP-A15X HDSP-780X HDSP-750X HDSP-740X HDSP-A40X |
7.6 mm (0.3 inch) Micro Bright Seven Segment Displays HDSP-A153-NO000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7501-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7803-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-A151-NO000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7401-DE000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7802-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7503-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7403-DE000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7503-DD000 · 7.6mm (0.3 in) Micro Bright Seven Segment Displays HDSP-7507-CD000 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-7801-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7502-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays
|
Agilent(Hewlett-Packard... HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
MS1 MS250 MS5 MS3 MS500 MS2.5 MS1.25 MS1.5 MS300 M |
Fuses, 1.25A 125V SB MICRO BULK Slow Blow Micro Fuse
|
Bel Fuse, Inc. Bel Fuse Inc.
|
M83513-09-A10 M83513-09-A11 M83513-09-A12 M83513-0 |
D159 - RECTANGULAR MICRO MINIATURE 9 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP, PLUG Micro-D Connectors
|
Glenair, Inc.
|
2-794618-4 |
3mm Centerline, 250V, 5 A max. ( Micro MATE-N-LOK ) Connectors; 24POS MICRO MNL ASSY, R/A HDR ( AMP )
|
Tyco Electronics
|
2-794618-2 |
3mm Centerline, 250V, 5 A max. ( Micro MATE-N-LOK ) Connectors; 22POS MICRO MNL ASSY, R/A HDR ( AMP )
|
Tyco Electronics
|
IMP1815 IMP1817 IMP1816 IMP1812 IMP1811 IMP1810 IM |
Low Poower, 5V µP Reset, Power Management Low Poower, 3.3V µP Reset, Power Management Lo Low P w Po ow wer er, 5V , 5V µ µP P Reset From old datasheet system
|
iMP
|
SRS204SG SRS204SGSMT SRS204T SRS204TSMT SRS204U SR |
0.80mm SUB-MICRO HEADERS 1.00mm MICRO HEADERS
|
Adam Technologies, Inc.
|
LWY1SG-VHAF-EKJM-1 LWY1SG |
Micro SIDELED? 0.8mm long life Micro SIDELED0.8mm long life Micro SIDELED㈢ 0.8mm long life
|
Osram Opto Semiconductors GmbH OSRAM GmbH
|
CL155 CL166 CL155D CL155A CL155B CL155C CL166C |
SILICON PLANAR EPITAXIAL TRANSISTOR SILICON PLANAR EPITAXIAL COMPLEMENTARY PAIR SPECIALLY DESIGNED FOR 20WATT AUDIO AMPLIFIER OUTPUT AND SWITCHING APPLICATIONS 8-Pin High-Performance Resonant Mode Controller 8-SOIC -40 to 125 Micro-USB type B receptacle, Horizontal SMD, mates with AJP39G Micro-B plug
|
MICRO-ELECTRONICS[Micro Electronics]
|
RT9809 RT9809-15CV RT9809-16CV RT9809-18CV RT9809- |
3.5V micro-power voltage detector MICRO POWER VOLTAGE DETECTORS
|
RichTek List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
GMZ2.0 GMZ2.2 GMZ2.4 GMZ2.7 GMZ6.2 GMZ6.8 GMZ9.1 G |
3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE GLASS, MICRO MELF, 2 PIN 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE GLASS, MICRO MELF, 2 PIN 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE GLASS, MICRO MELF, 2 PIN SURFACE MOUNT ZENER DIODES
|
Renesas Electronics, Corp. Vishay Beyschlag Pan Jit International Inc.
|
0440671402 44067-1402 SD-44067-001 |
3.00mm (.118) Pitch Micro-Fit 3.0?/a> Wire-to-Board Header 3.00mm (.118) Pitch Micro-Fit 3.0 Wire-to-Board Header 3.00mm (.118") Pitch Micro-Fit 3.0垄芒 Wire-to-Board Header MOLEX Connector
|
Molex Electronics Ltd.
|